Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ELM302X Fiches technique(PDF) 2 Page - Everlight Electronics Co., Ltd

No de pièce ELM302X
Description  4 PIN SOP RANDOM-PHASE TRIAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELM302X Fiches technique(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELM302X Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-12-20 21:03:01.0
4 PIN SOP RANDOM-PHASE TRIAC
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
2
http:\\www.everlight.com
Document No:DPC-0000083
Rev. 1
November 30, 2010
ELM302X Series
ELM305X Series
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Forward current
IF
60
mA
Reverse voltage
VR
6
V
Input
Power dissipation
PD
100
mW
302X
400
Off-state Output Terminal
Voltage
305X
VDRM
600
V
On state RMS current
IT(RMS)
70
mA(RMS)
Peak Repetitive Surge Current
ITSM
1
A
Output
Power dissipation
PD
300
mW
Total power dissipation
PTOT
200
mW
Isolation voltage
*1
Viso
3750
V rms
Operating temperature
Topr
-40~+110
°C
Storage temperature
Tstg
-55~+150
°C
Soldering temperature
*2
Tsol
260
°C
Notes
*1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1, 2 & 3 are shorted together, and pins 4, 5 & 6
are shorted together.
*2 For 10 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com