Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ELM302X Fiches technique(PDF) 1 Page - Everlight Electronics Co., Ltd

No de pièce ELM302X
Description  4 PIN SOP RANDOM-PHASE TRIAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELM302X Fiches technique(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELM302X Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELM302X Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-12-20 21:03:01.0
4 PIN SOP RANDOM-PHASE TRIAC
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http:\\www.everlight.com
Document No:DPC-0000083
Rev. 1
November 30, 2010
ELM302X Series
ELM305X Series
Features:
• EL302X VDRM of 400V, EL305X VDRM of 600V
• High isolation voltage between input
and output
(Viso=3750 V rms )
• Compact dual-in-line package
• Pb free and RoHS compliant.
• cUL approved (No. E214129)
• VDE approved (No. 40028116))
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
Description
The ELM302X series and ELM305X series are optically isolated triac
driver devices. These devices contain a GaAs infrared emitting diode
and a light activated silicon bilateral switch, which functions like a triac.
They are designed for interfacing between electronic controls and
power triacs to control resistive and inductive loads for 115 to 240 VAC
operations.
.
Applications
 Solenoid/valve controls
 Lamp ballasts
 Static AC power switch
 Interfacing microprocessors to 115 to 240Vac peripherals
 Incandescent lamp dimmers
 Temperature controls
 Motor controls
Schematic
Pin Configuration
1. Anode
2. Cathode
3. Terminal
4. Terminal


Numéro de pièce similaire - ELM302X

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
ELM302X EVERLIGHT-ELM302X Datasheet
618Kb / 11P
4 PIN SOP RANDOM-PHASE TRIAC PHOTOCOUPLER
ELM302X EVERLIGHT-ELM302X_13 Datasheet
618Kb / 11P
4 PIN SOP RANDOM-PHASE TRIAC PHOTOCOUPLER
More results

Description similaire - ELM302X

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
TD3022 SSOUSA-TD3022 Datasheet
263Kb / 4P
Random-Phase Triac Driver
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
Random-Phase Triac Driver
logo
Everlight Electronics C...
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
6 PIN DIP RANDOM-PHASE TRIAC DRIVER
ELM304X EVERLIGHT-ELM304X Datasheet
430Kb / 12P
4 PIN SOP ZERO CROSS TRIAC
ELT302X EVERLIGHT-ELT302X Datasheet
637Kb / 13P
4 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X EVERLIGHT-EL301X Datasheet
1Mb / 12P
5 PIN DIP RANDOM-PHASE TRIAC DRIVER
logo
List of Unclassifed Man...
Q301X ETC2-Q301X Datasheet
890Kb / 14P
RANDOM-PHASE TRIAC OPTOCOUPLER
Q301X ETC1-Q301X Datasheet
890Kb / 14P
RANDOM-PHASE TRIAC OPTOCOUPLER
logo
Everlight Electronics C...
ELM302X EVERLIGHT-ELM302X_13 Datasheet
618Kb / 11P
4 PIN SOP RANDOM-PHASE TRIAC PHOTOCOUPLER
ELT302X EVERLIGHT-ELT302X_14 Datasheet
769Kb / 13P
4 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
June 14, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com