| Moteur de recherche de fiches techniques de composants électroniques |
|
IXDF602PI Fiches technique(PDF) 12 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
IXDF602PI Fiches technique(HTML) 12 Page - Clare, Inc. |
|
12 / 13 page ![]() IXD_602 12 www.clare.com R02 5.4.3 Tape & Reel Information for SI and SIA Packages 5.4.4 PI (8-Pin DIP) NOTES: 1. A 0 & B0 measured at 0.3mm above base of pocket. 2. 10 pitches cumulative tol. ± 0.2mm 3. ( ) Reference dimensions only. 4. Unless otherwise specified, all dimensions in millimeters. K 0=2.30 ± 0.10 B 0=5.20 ± 0.10 R0.50 TYP 8.00 ± 0.10 2.00 ± 0.10 4.00 ± 0.10 See Note #2 12.00 ± 0.30 5.50 ± 0.10 1.75 ± 0.10 ∅1.50 (MIN) ∅1.55 ± 0.05 1.80 ± 0.10 (3.40) 0.30 ± 0.05 (70º) A 0=6.40 ± 0.10 (4.70) (1.20) A A B B SECTION A-A SECTION B-B Embossment Embossed Carrier Top Cover Tape Thickness 0.102 MAX. (0.004 MAX.) 330.2 DIA. (13.00 DIA.) Dimensions mm MIN / mm MAX (inches MIN / inches MAX) NOTE: Molded package conforms to JEDEC standard configuration MS-001 variation BA. PC Board Pattern 7.62 / 10.92 (0.300 / 0.430) 7.62 BSC (0.300 BSC) 0.20 / 0.38 (0.008 / 0.015) 7.37 / 8.26 (0.290 / 0.325) 0.38 / 0.58 (0.015 / 0.023) 1.14 / 1.65 (0.045 / 0.065) 0.38 / 1.02 (0.015 / 0.040) 3.05 / 3.81 (0.120 / 0.150) 3.43 / 4.70 (0.135 / 0.185) 3.18 / 3.81 (0.125 / 0.150) 8-0.900 DIA. (8-0.035 DIA.) 7.50 (0.295) 2.540 (0.100) 9.02 / 10.16 (0.355 / 0.400) 6.10 / 6.86 (0.240 / 0.270) 2.540 BSC (0.100 BSC) 1.40 (0.055) |