Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2420Z-RTR1 Fiches technique(PDF) 90 Page - Texas Instruments

No de pièce CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Fiches technique(HTML) 90 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 84Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 85Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 86Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 87Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 88Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 89Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 90Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 91Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 92Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CC2420RTCR
VQFN
RTC
48
2500
330.0
16.4
7.3
7.3
1.5
12.0
16.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
16-Feb-2012
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92