| Moteur de recherche de fiches techniques de composants électroniques |
|
M2100L-S08-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
M2100L-S08-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 7 page ![]() UNISONIC TECHNOLOGIES CO., LTD M2100 LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 7 Copyright © 2009 Unisonic Technologies Co., Ltd QW-R105-011.C DUAL OPERATIONAL AMPLIFIER DESCRIPTION The UTC M2100 is a low supply voltage and low saturation output voltage (±2.0V p-p at supply voltage ±2.5V) operational amplifier. It is applicable to handy type CD, radio cassette CD, and portable DAT, that are digital audio apparatus which require the 5V single supply operation and high output voltage. FEATURES * Single Supply Operation * Operating Voltage (±1.0V~±3.5V) * Low Saturation Output Voltage * High Slew Rate (4V/µs typ.) * Bipolar Technology ORDERING INFORMATION Ordering Number Normal Lead Free Plating Halogen Free Package Packing M2100-D08-T M2100L-D08-T M2100G-D08-T DIP-8 Tube M2100-S08-R M2100L-S08-R M2100G-S08-R SOP-8 Tape Reel M2100-P08-R M2100L-P08-R M2100G-P08-R TSSOP-8 Tape Reel |
Numéro de pièce similaire - M2100L-S08-R |
|
Description similaire - M2100L-S08-R |