| Moteur de recherche de fiches techniques de composants électroniques |
|
M2100L-S08-R Fiches technique(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
M2100L-S08-R Fiches technique(HTML) 6 Page - Unisonic Technologies |
|
6 / 7 page ![]() M2100 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 7 www.unisonic.com.tw QW-R105-011.C TYPICAL CHARACTERISTICS(Cont.) -50 0 100 125 1.0 Input Offset Voltage vs. Temperature Ambient Temperature, Ta (°С) 75 50 25 -25 -2.0 -1.0 0 2.0 V+/V-=±2.5V -50 0 100 125 120 Input Bias Current vs. Temperature Ambient Temperature, Ta (°С) 75 50 25 -25 0 40 80 160 V+/V-=±2.5V 20 60 100 140 180 0 2 Maximum Output Voltage Swing vs. Operating Voltage Operating Voltage, V+/V- (V) ±1 -5 -3 0 5 4 3 1 -1 -2 -4 ±2 ±3 ±4 ±5 +VOM -VOM 0 2 Operating Current vs. Operating Voltage Operating Voltage, V+/V- (V) ±1 0 6 4 3 1 ±2 ±3 ±4 ±5 Ta=25°С 5 RL=2.5kΩ, Ta=25°С |