| Moteur de recherche de fiches techniques de composants électroniques |
|
IXDN0037 Fiches technique(PDF) 21 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXDN0037 Fiches technique(HTML) 21 Page - IXYS Corporation |
|
21 / 31 page ![]() -20 Ballast Demonstrator User Guide 7629A–AVR–04/06 CONFIGURE_PFC_SOFT_START Configures the peripherals PWM1 and interrupt 0 to soft start the PFC. Then jump to START_PFC_SOFT_START. START_PFC_SOFT_START Check that the soft start has been tried less than PFC_START_MAX_TRIES If OK then start PWM1 and jump to PFC_SOFT_START state. Else immediately jump to PFC_PROBLEM state. PFC_SOFT_START The PFC soft start consists on PFC_MAX_START_SHOTS pulses configured on PFC_SOFT_START_CONFIGURATION. If a zero crossing detection appears, jump to the PFC_CONTROL_LOOP state Else go to INIT_PFC_HAVERSINE_CHECK, PFC_DELAY_FOR_NEXT_PFC_SOFT_START, or PFC_PROBLEM state depending on the different conditions detailed in the PFC diagram. PFC_DELAY_FOR_NEXT_PFC_SOFT_START In case the soft start fails, the software has to wait DELAY_FOR_NEXT_PFC_SOFT_START*DELAY_MULTIPLIER_FOR_NEXT_PFC_S OFT_START, before trying a new soft start by going back to the START_PFC_SOFT_START state. PFC_CONTROL_LOOP A zero crossing detection occurs so the PFC is now started and the PFC can be config- ured on autoretrigg mode. The PFC is now running. This is the normal PFC loop control. |