Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXDN0037 Fiches technique(PDF) 16 Page - IXYS Corporation

No de pièce IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Fiches technique(HTML) 16 Page - IXYS Corporation

Back Button IXDN0037 Datasheet HTML 12Page - IXYS Corporation IXDN0037 Datasheet HTML 13Page - IXYS Corporation IXDN0037 Datasheet HTML 14Page - IXYS Corporation IXDN0037 Datasheet HTML 15Page - IXYS Corporation IXDN0037 Datasheet HTML 16Page - IXYS Corporation IXDN0037 Datasheet HTML 17Page - IXYS Corporation IXDN0037 Datasheet HTML 18Page - IXYS Corporation IXDN0037 Datasheet HTML 19Page - IXYS Corporation IXDN0037 Datasheet HTML 20Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Ballast Demonstrator User Guide
-15
7629A–AVR–04/06
Section 5
AT8xEB5114 Non-dimmable Software
This section of the document describes the software architecture utilizing the following
source code files and related state machines.
Main_at8xeb5114_fluo_demo.c
– ADC State Machine
Pfc_ctrl.c
– PFC State Machine
Lamp_ctrl.c
– Lamp State Machine
And their associated header files.
- main_at8xeb5114_fluo_demo.h
– Pfc_ctrl.h
–Lamp_ctrl.h
Including the following peripherals:
• TIMER0, ADC, amplifier, PWM0, and PWM1.
In order for the ballast to operate, there are two primary control systems that run simul-
taneously. The first is for the PFC control and second for the Lamp control.
Furthermore in order to work properly, the state machines require input data. This ana-
log data is provided via an auto running interrupt mode ADC state machine.
The complete software package for the application is split into the functional blocks in
the diagram shown below. While the variables are identified as follows.
•
g_ global
•
gv_global volatile
•
gs_ global static
Voltage and current variables are identified by the following examples
•
g_v or g_i
global - voltage/current
•
gv_v or gv_i
global volatile - voltage/current
•
gs_v or gs_i
global static - voltage/current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31