Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F2138CSDFP Fiches technique(PDF) 30 Page - Renesas Technology Corp

No de pièce R5F2138CSDFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138CSDFP Fiches technique(HTML) 30 Page - Renesas Technology Corp

Back Button R5F2138CSDFP Datasheet HTML 26Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 27Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 28Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 29Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 30Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 31Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 32Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 33Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
R8C/38T-A Group
3. Address Space
R01DS0081EJ0100 Rev.1.00
Page 30 of 60
Dec 09, 2011
X: Undefined
Note:
1. The blank areas are reserved. No access is allowed.
Table 3.12
SFR Information (12) (1)
Address
Symbol
Register Name
After Reset
Remarks
06B00h
TSCUCR0
TSCU Control Register 0
0000h
06B01h
06B02h
TSCUCR1
TSCU Control Register 1
0000000000010000b
06B03h
06B04h
TSCUMR
TSCU Mode Register
0000000010000000b
06B05h
06B06h
TSCUTCR0A
TSCU Timing Control Register 0A
0000000001111111b
06B07h
06B08h
TSCUTCR0B
TSCU Timing Control Register 0B
0000000001111111b
06B09h
06B0Ah
TSCUTCR1
TSCU Timing Control Register 1
0000000000000001b
06B0Bh
06B0Ch
TSCUTCR2
TSCU Timing Control Register 2
0000h
06B0Dh
06B0Eh
TSCUTCR3
TSCU Timing Control Register 3
0000h
06B0Fh
06B10h
TSCUCHC
TSCU Channel Control Register
0011111100000000b
06B11h
06B12h
TSCUFR
TSCU Flag Register
0000h
06B13h
06B14h
TSCUSTC
TSCU Status Counter Register
0000h
06B15h
06B16h
TSCUSCS
TSCU Secondary Counter Set Register
0000000000100000b
06B17h
06B18h
TSCUSCC
TSCU Secondary Counter
0000000000100000b
06B19h
06B1Ah
TSCUDBR
TSCU Data Buffer Register
0000h
06B1Bh
06B1Ch
TSCUPRC
TSCU Primary Counter
0000h
06B1Dh
06B1Eh
TSCURVR0
TSCU Random Value Store Register 0
0000h
06B1Fh
06B20h
TSCURVR1
TSCU Random Value Store Register 1
0000h
06B21h
06B22h
TSCURVR2
TSCU Random Value Store Register 2
0000h
06B23h
06B24h
TSCURVR3
TSCU Random Value Store Register 3
0000h
06B25h
06B26h
TSIE0
TSCU Input Enable Register 0
0000h
06B27h
06B28h
TSIE1
TSCU Input Enable Register 1
0000h
06B29h
06B2Ah
TSIE2
TSCU Input Enable Register 2
0000h
06B2Bh
06B2Ch
TSCHSEL0
TSCUCHXA Select Register 0
0000h
06B2Dh
06B2Eh
TSCHSEL1
TSCUCHXA Select Register 1
0000h
06B2Fh
06B30h
TSCHSEL2
TSCUCHXA Select Register 2
0000h
06B31h
06B32h
to
06BFFh
06C00h
Area for storing DTC transfer vector 0
XXh
06C01h
Area for storing DTC transfer vector 1
XXh
06C02h
Area for storing DTC transfer vector 2
XXh
06C03h
Area for storing DTC transfer vector 3
XXh
06C04h
Area for storing DTC transfer vector 4
XXh
06C05h
06C06h
06C07h
06C08h
Area for storing DTC transfer vector 8
XXh
06C09h
Area for storing DTC transfer vector 9
XXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com