Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F2138CSDFP Fiches technique(PDF) 43 Page - Renesas Technology Corp

No de pièce R5F2138CSDFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138CSDFP Fiches technique(HTML) 43 Page - Renesas Technology Corp

Back Button R5F2138CSDFP Datasheet HTML 39Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 40Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 41Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 42Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 43Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 44Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 45Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 46Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
R8C/38T-A Group
4. Electrical Characteristics
R01DS0081EJ0100 Rev.1.00
Page 43 of 60
Dec 09, 2011
Notes:
1. Select the voltage detection level with bits VD1S0 to VD1S3 in the VD1LS register.
2. Time until the voltage monitor 1 interrupt request is generated after the voltage passes Vdet1.
3. Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA26 bit in the VCA2
register to 0.
Notes:
1. Time until the voltage monitor 2 interrupt request is generated after the voltage passes Vdet2.
2. Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA26 bit in the VCA2
register to 0.
Table 4.8
Voltage Detection 1 Circuit Characteristics
(Measurement conditions: Vcc = 1.8 V to 5.5 V, Topr =
20°C to 85°C (N version)/
40°C to 85°C (D version))
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
Vdet1
Voltage detection level Vdet1_0 (1)
When Vcc falls
2.00
2.20
2.40
V
Voltage detection level Vdet1_1 (1)
When Vcc falls
2.15
2.35
2.55
V
Voltage detection level Vdet1_2 (1)
When Vcc falls
2.30
2.50
2.70
V
Voltage detection level Vdet1_3 (1)
When Vcc falls
2.45
2.65
2.85
V
Voltage detection level Vdet1_4 (1)
When Vcc falls
2.60
2.80
3.00
V
Voltage detection level Vdet1_5 (1)
When Vcc falls
2.75
2.95
3.15
V
Voltage detection level Vdet1_6 (1)
When Vcc falls
2.80
3.10
3.40
V
Voltage detection level Vdet1_7 (1)
When Vcc falls
2.95
3.25
3.55
V
Voltage detection level Vdet1_8 (1)
When Vcc falls
3.10
3.40
3.70
V
Voltage detection level Vdet1_9 (1)
When Vcc falls
3.25
3.55
3.85
V
Voltage detection level Vdet1_A (1)
When Vcc falls
3.40
3.70
4.00
V
Voltage detection level Vdet1_B (1)
When Vcc falls
3.55
3.85
4.15
V
Voltage detection level Vdet1_C (1)
When Vcc falls
3.70
4.00
4.30
V
Voltage detection level Vdet1_D (1)
When Vcc falls
3.85
4.15
4.45
V
Voltage detection level Vdet1_E (1)
When Vcc falls
4.00
4.30
4.60
V
Voltage detection level Vdet1_F (1)
When Vcc falls
4.15
4.45
4.75
V
―
Hysteresis width at the rising of Vcc in
voltage detection 1 circuit
Vdet1_0 to Vdet1_5
selected
―
0.07
―
V
Vdet1_6 to Vdet1_F
selected
―
0.10
―
V
―
Voltage detection 1 circuit response time (2)
At the falling of Vcc from 5 V
to (Vdet1
 0.1) V
―
60
150
μs
―
Voltage detection circuit self power
consumption
VCA26 = 1, Vcc = 5.0 V
―
1.7
―μA
td(E-A)
Waiting time until voltage detection circuit
operation starts (3)
――
100
μs
Table 4.9
Voltage Detection 2 Circuit Characteristics
(Measurement conditions: Vcc = 1.8 V to 5.5 V, Topr =
20°C to 85°C (N version)/
40°C to 85°C (D version))
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
Vdet2
Voltage detection level Vdet2_0
When Vcc falls
3.70
4.00
4.30
V
―
Hysteresis width at the rising of Vcc in
voltage detection 2 circuit
―
0.1
―μs
―
Voltage detection 2 circuit response time (1)
At the falling of Vcc from 5 V
to (Vdet2_0
 0.1) V
―
20
150
μs
―
Voltage detection circuit self power
consumption
VCA27 = 1, Vcc = 5.0 V
―
1.7
―μA
td(E-A)
Waiting time until voltage detection circuit
operation starts (2)
――
100
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com