| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F2136CSNFA Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2136CSNFA Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 61 page ![]() R01DS0055EJ0100 Rev.1.00 Page 1 of 58 Dec 09, 2011 R8C/36T-A Group RENESAS MCU Datasheet 1. Overview 1.1 Features The R8C/36T-A Group of single-chip microcontrollers (MCUs) incorporates the R8C CPU core, which provides sophisticated instructions for a high level of efficiency. With 1 Mbyte of address space, the CPU core is capable of executing instructions at high speed. In addition, it features a multiplier for high-speed arithmetic processing. Power consumption is low, and additional power control is possible by selecting the operating mode. The R8C/36T- A Group is also designed to maximize EMI/EMS performance. Integration of many peripheral functions, including multifunction timer and serial interface on the same chip, reduces the number of system components. The R8C/36T-A Group integrates a touch sensor control unit, which enables detection of the floating capacitance of the electrostatic capacitive touch electrode. This group also has on-chip data flash (1 KB × 4 blocks) with background operation (BGO) function. 1.1.1 Applications Electronic household appliances, office equipment, audio equipment, consumer equipment, etc. R01DS0055EJ0100 Rev.1.00 Dec 09, 2011 |
Numéro de pièce similaire - R5F2136CSNFA |
|
Description similaire - R5F2136CSNFA |