Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F2136CSNFA Fiches technique(PDF) 55 Page - Renesas Technology Corp

No de pièce R5F2136CSNFA
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSNFA Fiches technique(HTML) 55 Page - Renesas Technology Corp

Back Button R5F2136CSNFA Datasheet HTML 51Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 52Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 53Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 54Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 55Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 56Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 57Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 58Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
R8C/36T-A Group
4. Electrical Characteristics
R01DS0055EJ0100 Rev.1.00
Page 55 of 58
Dec 09, 2011
i = 0 or 1
Note:
1. External pin load condition CL = 30 pF
i = 0 or 1
Figure 4.9
Input and Output Timing of Serial Interface (i = 0 or 1)
Table 4.24
Timing Requirements of Serial Interface
(Internal clock selected as transfer clock (master communication))
Symbol
Parameter
Standard
Unit
Vcc = 2.2 V, Topr = 25°C
Vcc = 3 V, Topr = 25°C
Vcc = 5 V, Topr = 25°C
Min.
Max.
Min.
Max.
Min.
Max.
td(C-Q)
TXDi output delay time
―
200
―
30
―
10
ns
tsu(D-C)
RXDi input setup time (1)
150
―
120
―
90
―
ns
th(C-D)
RXDi input hold time
90
―
90
―
90
―
ns
Table 4.25
Timing Requirements of Serial Interface
(External clock selected as transfer clock (slave communication))
Symbol
Parameter
Standard
Unit
Vcc = 2.2 V, Topr = 25°C
Vcc = 3 V, Topr = 25°C
Vcc = 5 V, Topr = 25°C
Min.
Max.
Min.
Max.
Min.
Max.
tc(CK)
CLKi input cycle time
800
―
300
―
200
―
ns
tW(CKH)
CLKi input high width
400
―
150
―
100
―
ns
tW(CKL)
CLKi input low width
400
―
150
―
100
―
ns
td(C-Q)
TXDi output delay time
―
200
―
120
―
90
ns
tsu(D-C)
RXDi input setup time
150
―
30
―
10
―
ns
th(C-D)
RXDi input hold time
90
―
90
―
90
―
ns
tW(CKH)
tC(CK)
tW(CKL)
th(C-Q)
th(C-D)
tsu(D-C)
td(C-Q)
CLKi
TXDi
RXDi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com