Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F2138CSNFP Fiches technique(PDF) 52 Page - Renesas Technology Corp

No de pièce R5F2138CSNFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138CSNFP Fiches technique(HTML) 52 Page - Renesas Technology Corp

Back Button R5F2138CSNFP Datasheet HTML 48Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 49Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 50Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 51Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 52Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 53Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 54Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 55Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
R8C/38T-A Group
4. Electrical Characteristics
R01DS0081EJ0100 Rev.1.00
Page 52 of 60
Dec 09, 2011
4.5
AC Characteristics
Note:
1. 1tCYC = 1/f1 (s)
Table 4.20
Timing Requirements of Clock Synchronous Serial I/O with Chip Select
(during Master Operation)
(Measurement conditions: Vcc = 1.8 V to 5.5 V, Topr =
20°C to 85°C (N version)/
40°C to 85°C (D version))
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
tSUCYC
SSCK clock cycle time
4.00
――
tCYC (1)
tHI
SSCK clock high width
0.40
―
0.60
tSUCYC
tLO
SSCK clock low width
0.40
―
0.60
tSUCYC
tRISE
SSCK clock rising time
2.7 V
 Vcc  5.5 V
――
0.50
tCYC (1)
1.8 V
 Vcc  2.7 V
――
1.00
tCYC (1)
tFALL
SSCK clock falling time
2.7 V
 Vcc  5.5 V
――
0.50
tCYC (1)
1.8 V
 Vcc  2.7 V
――
1.00
tCYC (1)
tSU
SSI, SSO data input setup time
4.5 V
 Vcc  5.5 V
60
――
ns
2.7 V
 Vcc  4.5 V
70
――
ns
1.8 V
 Vcc  2.7 V
100
――
ns
tH
SSI, SSO data input hold time
2.7 V
 Vcc  5.5 V
2.00
――
tCYC (1)
1.8 V
 Vcc  2.7 V
2.00
――
tCYC (1)
tLEAD
SCS-SCK output delay time
0.5 tSUCYC - 1 tCYC
――
ns
tLAG
SCK -SCS output valid time
0.5 tSUCYC - 1 tCYC
――
ns
tOD
SSO data output delay time
2.7 V
 Vcc  5.5 V
――
30.00
ns
1.8 V
 Vcc  2.7 V
――
1.00
tCYC (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com