Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F2138CSNFP Fiches technique(PDF) 44 Page - Renesas Technology Corp

No de pièce R5F2138CSNFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138CSNFP Fiches technique(HTML) 44 Page - Renesas Technology Corp

Back Button R5F2138CSNFP Datasheet HTML 40Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 41Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 42Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 43Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 44Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 45Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 46Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 47Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
R8C/38T-A Group
4. Electrical Characteristics
R01DS0081EJ0100 Rev.1.00
Page 44 of 60
Dec 09, 2011
Note:
1. To use the power-on reset function, enable voltage monitor 0 reset by setting the LVDAS bit in the OFS register to 0.
Figure 4.3
Power-on Reset Circuit Characteristics
Notes:
1. This enables the setting errors of bit rates such as 9600 bps and 38400 bps to be 0% when the serial interface is used in
UART mode.
2. This indicates the precision error for the oscillation frequency of the high-speed on-chip oscillator.
Table 4.10
Power-On Reset Circuit Characteristics (1)
(Measurement conditions: Vcc = 1.8 V to 5.5 V, Topr =
20°C to 85°C (N version)/
40°C to 85°C (D version))
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
trth
External power VCC rise gradient
0
―
50,000
mV/msec
Table 4.11
High-Speed On-Chip Oscillator Circuit Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
―
High-speed on-chip oscillator frequency
after reset
Vcc = 1.8 V to 5.5 V,
20°C  Topr  85°C
(N version)
40°C  Topr  85°C
(D version)
―
40
―
MHz
High-speed on-chip oscillator frequency
when 01b or 10b is written to bits
FRA25 and FRA24 in the FRA2 register
(1)
—
36.864
—
MHz
High-speed on-chip oscillator frequency
when 10b is written to bits FRA25 and
FRA24 in the FRA2 register
—32—
MHz
High-speed on-chip oscillator frequency
dependence on temperature and power
supply voltage (2)
 1.5
―
1.5
%
―
Oscillation stability time
Vcc = 5.0 V, Topr = 25°C
―
250
―μs
―
Self power consumption at oscillation
Vcc = 5.0 V, Topr = 25°C
―
500
―μA
Notes:
1. Vdet0 indicates the voltage detection level of the voltage detection 0 circuit. Refer to the Voltage Detection
Circuit chapter of User’s Manual: Hardware for details.
2. tw(por) indicates the duration the external power VCC must be held below the valid voltage (0.5 V) to enable
a power-on reset. When turning on the power after it falls with voltage monitor 0 reset disabled, maintain
tw(por) for 1 ms or more.
Vdet0
(1)
0.5 V
Internal
reset signal
tw(por)
(2)
Voltage detection 0
circuit response time
Vdet0
(1)
1
fOCO-S
 32
1
fOCO-S
 32
External
Power VCC
trth
trth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com