| Moteur de recherche de fiches techniques de composants électroniques |
|
7383-R2C3-AMQB-X Fiches technique(PDF) 9 Page - Everlight Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
7383-R2C3-AMQB-X Fiches technique(HTML) 9 Page - Everlight Electronics Co., Ltd |
|
9 / 10 page ![]() LifecyclePhase: Revision : 2 Expired Period: Forever Release Date:2009-01-21 08:15:09.0 Technical Data Sheet 7383/R2C3-AMQB/X Everlight Electronics Co., Ltd. http\\:www.everlight.com Rev 2 Page: 9 of 10 Device Number : DLE-0000741 Prepared date:01-13-2009 Prepared : Flourix Chen Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of ultrasonic cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition. Ultrasonic cleaning shall be pre-qualified to ensure this will not cause damage to the LED 5. Circuit Protection Below the zener reference voltage Vz, all the current flows through LED and as the voltage rises to Vz, the zener diode “breakdown." If the voltage tries to rise above Vz current flows through the zener branch to keep the voltage at exactly Vz. When the LED is connected using serial circuit, if either piece of LED is no light up but current can’t flow through causing others to light down. In new design, the LED is parallel with zener diode. if either piece of LED is no light up but current can flow through causing others to light up. |