| Moteur de recherche de fiches techniques de composants électroniques |
|
7383-R2C3-AMQB-X Fiches technique(PDF) 8 Page - Everlight Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
7383-R2C3-AMQB-X Fiches technique(HTML) 8 Page - Everlight Electronics Co., Ltd |
|
8 / 10 page ![]() LifecyclePhase: Revision : 2 Expired Period: Forever Release Date:2009-01-21 08:15:09.0 Technical Data Sheet 7383/R2C3-AMQB/X Everlight Electronics Co., Ltd. http\\:www.everlight.com Rev 2 Page: 8 of 10 Device Number : DLE-0000741 Prepared date:01-13-2009 Prepared : Flourix Chen Prehead laminar wave Fluxing Avoiding applying any stress to the lead frame while the LEDs are at high temperature particularly when soldering. Dip and hand soldering should not be done more than one time After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or vibration until the LEDs return to room temperature. A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature. Although the recommended soldering conditions are specified in the above table, dip or handsoldering at the lowest possible temperature is desirable for the LEDs. Wave soldering parameter must be set and maintain according to recommended temperature and dwell time in the solder wave. 4. Cleaning When necessary, cleaning should occur only with isopropyl alcohol at room temperature for a duration of no more than one minute. Dry at room temperature before use. |