| Moteur de recherche de fiches techniques de composants électroniques |
|
HT8972 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT8972 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 13 page ![]() Pin Assignment Pad Assignment Chip size: 2475 ´2065 (mm)2 * The IC substrate should be connected to VSS in the PCB layout artwork. HT8972 Rev. 1.00 2 December 23, 2008 L P F 1 _ I N L P F 1 _ O U T L P F 2 _ O U T L P F 2 _ I N O P 2 _ O U T O P 2 _ I N O P 1 _ I N O P 1 _ O U T V C C R E F A G N D D G N D O S C _ O V C O C C 1 C C 0 1 6 1 5 1 4 1 3 1 2 1 1 1 0 9 1 2 3 4 5 6 7 8 H T 8 9 7 2 1 6 D I P - A / S O P - A 1 6 ( 0 , 0 ) 1 1 5 1 4 1 3 1 2 1 1 1 0 2 3 4 5 6 7 8 9 |