| Moteur de recherche de fiches techniques de composants électroniques |
|
HT8972 Fiches technique(PDF) 5 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT8972 Fiches technique(HTML) 5 Page - Holtek Semiconductor Inc |
|
5 / 13 page ![]() HT8972 Rev. 1.00 5 December 23, 2008 L P F 1 A / D D e l a y D / A L P F 2 V I N V O U T Functional Description The HT8972 is an echo/surround effect generator with built-in 40Kb SRAM. It ensures low distortion as well as low noise for processing audio signal delay. The chip provides two playing modes (echo and surround) and the playing function block diagrams are shown as fol- lows. · Surround mode · Echo mode ROSC-fOSC-Delay_time-Distortion Cross table ROSC 56.2 44 36.3 30.6 25.9 23.1 20.7 k W fOSC 2 2.5 3 3.5 4 4.5 5 MHz Td 320 264 219 188 164 147 132 ms THD 1.3 1.05 0.815 0.625 0.58 0.525 0.43 % ROSC 18.5 16.7 15.1 14.5 13.9 11.9 10.9 k W fOSC 5.5 6 6.5 7 7.5 8 8.5 MHz Td 120 110 102 93 88 82 78 ms THD 0.4 0.335 0.315 0.3 0.275 0.26 0.25 % ROSC 10 9 8.06 7.3 6.4 5.8 5.3 k W fOSC 9 10 11 121314 15 MHz Td 73.2 65.6 59.2 54.4 50 46 44 ms THD 0.23 0.218 0.205 0.19 0.17 0.1675 0.1575 % ROSC 4.8 4.4 4 3.7 3.3 3 2.8 k W fOSC 16 17 18 19 20 21 22 MHz Td 41.2 38.4 36 33.6 33 32 30 ms THD 0.16 0.145 0.14 0.14 0.13 0.125 0.12 % L P F 1 A / D D e l a y D / A L P F 2 V I N V O U T |