| Moteur de recherche de fiches techniques de composants électroniques |
|
HT67F60 Fiches technique(PDF) 65 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT67F60 Fiches technique(HTML) 65 Page - Holtek Semiconductor Inc |
|
65 / 242 page ![]() HT67F30/HT67F40/HT67F50/HT67F60 TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM Rev. 1.50 64 March 06 , 2012 Rev. 1.50 65 March 06 , 2012 SL OW M ode SL EEP0 M od e SL EEP1 M od e ID EL 0 M ode ID LE 1 M ode NO RM AL M ode CK S2 ~ C KS 0 = 00x B & HL CL K = 0 WD T and L VD a r e al l of f ID LE N = 0 HA LT i ns tr uc ti on is e xe cu te d WD T or L VD i s on ID LE N = 0 HA LT i ns tr uc ti on is e xe cu te d ID LE N = 1, F SYSO N= 0 HA LT i ns tr uc ti on i s ex ec ut ed ID LE N = 1, F SYSO N= 1 HA LT i ns tr uc ti on is e xe cu te d NO RM AL M ode SL EEP0 M od e SL EEP1 M od e ID LE 0 M ode ID LE 1 M ode SL OW M ode CK S2 ~C KS 0 ¹ 000 B, 0 01 B as H LC LK =0 or H LC LK =1 WD T and L V D ar e al l of f ID LE N = 0 HA LT i ns tr uc ti on is e xe cu te d WD T or L V D is o n ID LE N = 0 HA LT i ns tr uc ti on is e xe cu te d ID LE N = 1, F SYSO N= 0 HA LT i ns tr uc ti on i s ex ec ut ed ID LE N = 1, F SYSO N= 1 HA LT i ns tr uc ti on is e xe cu te d |