Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7607 Fiches technique(PDF) 29 Page - Analog Devices

No de pièce AD7607
Description  8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7607 Fiches technique(HTML) 29 Page - Analog Devices

Back Button AD7607 Datasheet HTML 25Page - Analog Devices AD7607 Datasheet HTML 26Page - Analog Devices AD7607 Datasheet HTML 27Page - Analog Devices AD7607 Datasheet HTML 28Page - Analog Devices AD7607 Datasheet HTML 29Page - Analog Devices AD7607 Datasheet HTML 30Page - Analog Devices AD7607 Datasheet HTML 31Page - Analog Devices AD7607 Datasheet HTML 32Page - Analog Devices AD7607 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
AD7609
Rev. A | Page 29 of 36
CS
RD
DATA:
DB[15:0]
BUSY
CONVST A,
CONVST B
tCYCLE
tCONV
4µs
t4
t4
t4
9µs
19µs
OS = 0
OS = 2
OS = 4
Figure 46. AD7609—No Oversampling, Oversampling × 4, and Oversampling × 8 Using Read After Conversion
0
200
400
600
800
1000
1200
1400
1600
–9 –8 –7 –6 –5 –4 –3 –2 –1
0
CODE
1
2
3
4
5
6
7
8
9
NO OVERSAMPLING
2
10 27
83
210
450
727
1062
1384 1373
1167
840
492
219
100
32 11 2 1
Figure 47. Histogram of Codes—No OS (19 Codes)
0
200
400
600
800
1000
1400
1800
1200
1600
2000
–7
–6
–5
–4 –3 –2 –1
0
CODE
1
2
3
4
5
6
7
OVERSAMPLING BY 2
1
12
46
214
599
1146
1785 1772
1389
788
317
105
15
2
1
Figure 48. Histogram Of Codes—OS × 2 (15 Codes)
500
0
1000
1500
2500
2000
3000
–5
–4
–3
–2
–1
0
CODE
1
2
3
4
OVERSAMPLING BY 4
5
49
341
1191
2363 2394
1340
422
79
8
Figure 49. Histogram of Codes—OS × 4 (10 Codes)
0
500
1000
1500
2000
2500
3000
4000
3500
–4
–3
–2
–1
0
CODE
1
2
3
OVERSAMPLING BY 8
1
41
549
229
15
1568
3392
2397
Figure 50. Histogram of Codes—OS × 8 (Eight Codes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36