Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7607 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7607
Description  8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7607 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7607 Datasheet HTML 6Page - Analog Devices AD7607 Datasheet HTML 7Page - Analog Devices AD7607 Datasheet HTML 8Page - Analog Devices AD7607 Datasheet HTML 9Page - Analog Devices AD7607 Datasheet HTML 10Page - Analog Devices AD7607 Datasheet HTML 11Page - Analog Devices AD7607 Datasheet HTML 12Page - Analog Devices AD7607 Datasheet HTML 13Page - Analog Devices AD7607 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD7609
Data Sheet
Rev. A | Page 10 of 36
DATA:
DB[15:0]
FRSTDATA
CS, RD
V1
[17:2]
V1
[1:0]
V2
[17:2]
V2
[1:0]
V7
[17:2]
V7
[1:0]
V8
[17:2]
V8
[1:0]
t12
t13
t16
t17
Figure 5. CS and RD Linked Parallel Mode
SCLK
DOUTA,
DOUTB
FRSTDATA
CS
DB17
DB14
DB13
DB1
DB0
t18
t19
t21
t20
t23
t29
t28
t25
t22
Figure 6. Serial Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36