| Moteur de recherche de fiches techniques de composants électroniques |
|
DLM5 Fiches technique(PDF) 67 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLM5 Fiches technique(HTML) 67 Page - ITT Industries |
|
67 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 66 ZIF Connectors DLD DLD1 Panel Cutouts and Mounting Hole Patterns DLD1-156 Plug DLD1-156 Receptacle Front Panel Bridge Rear Panel Bridge 16,38-16,13 25,19 (.990) 4X Ø 3,30-3,17 4X R 3,56 (.140) MAX MIN (.130-.125) CL SYMM CL SYMM 100,15-99,90 (3.943-3.933) 92,71 (3.650) MIN (.645-.635) 23,37 (.920) 8X R 3,56 (.140) MAX 127,81 (5.032) 4X NO. 4-40 UNC-2B THREAD THRU 2X Ø 5,21(.205) THRU SEE VIEW A OR B MIN 92,71 CL SYMM (3.650) MIN 100,15-99,90 (3.943-3.933) 16,38-16,13 (.645-.635) CL SYMM 6,53-6,40 (.257-.252) 9,91-9,40 (.390-.370) 5,74-5,66 (.226-.223) 9,91-9,40 (.390-.370) Ø 3,81-3,56 (.150-.140) THRU View B View A |