| Moteur de recherche de fiches techniques de composants électroniques |
|
DLM5 Fiches technique(PDF) 39 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLM5 Fiches technique(HTML) 39 Page - ITT Industries |
|
39 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 38 ZIF Connectors DLM5 DLM5 — Metal Body — 260 Pin Connectors — Square Post Contacts Plug For contact cavity arrangement, see page 69. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 62. Front Removable 0,64 (.025) Square Posts 2,54 (.100) Centers. Order actuating handle kit separately, see page 47. Part Number Nomenclature A 112086-0002 DLM5-260PW4A 15,37 (.605) 112086-0000 DLM5-260PW6A 7,11 (.280) 112086-0003 DLM112086-3 3,18 (.125) Receptacle For contact cavity arrangement, see page 69. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 62. Front Removable 0,64 (.025) Square Posts 2,54 (.100) Centers. Part Number Nomenclature A 112087-0001 DLM5-260RW4B 15,37 (.605) 112087-0000 DLM5-260RW6B 7,11 (.280) 112087-0003 DLM112087-3 3,18 (.125) |