Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLD3 Fiches technique(PDF) 17 Page - ITT Industries

No de pièce DLD3
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD3 Fiches technique(HTML) 17 Page - ITT Industries

Back Button DLD3 Datasheet HTML 13Page - ITT Industries DLD3 Datasheet HTML 14Page - ITT Industries DLD3 Datasheet HTML 15Page - ITT Industries DLD3 Datasheet HTML 16Page - ITT Industries DLD3 Datasheet HTML 17Page - ITT Industries DLD3 Datasheet HTML 18Page - ITT Industries DLD3 Datasheet HTML 19Page - ITT Industries DLD3 Datasheet HTML 20Page - ITT Industries DLD3 Datasheet HTML 21Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
16
ZIF Connectors
DLM1
DLM1 — Metal Body — 156 Pin Connectors — Crimp Contacts
Plug
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
127050-0204
DLM1-156P
Receptacle
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Part Number
Nomenclature
127050-0208
DLM1-156R
7,92 (.312)
23,10
(.910)
54,10
(2.132)
90,00
(3.546)
6,35
(.250)
20,10
(.792)
92,10 (3.629)
CAMSHAFT
TURNING DIRECTION
108,00 (4.255)
92,00 (3.625)
2X Ø 2,30
(.091)
24,80 (.977)
100,03 (3.938)
16,26 (.640)
4X Ø 3,20
(.126)
7,75 (.305)
20,55
(.810)
6,35
(.250)
20,10
(.792)
92,10 (3.629)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76