| Moteur de recherche de fiches techniques de composants électroniques |
|
DLD3 Fiches technique(PDF) 23 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLD3 Fiches technique(HTML) 23 Page - ITT Industries |
|
23 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 22 ZIF Connectors DL2 DL2 — Plastic Body — 96 Pin Connectors — Square Post Contacts Plug For contact cavity arrangement, see page 68. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 61. Front Removable 0,64 (.025) Square Posts 2,54 (.100) Centers. Order actuating handle kit separately, see page 47. Part Number Nomenclature A 110777-0008 DL2-96PW4 15,37 (.605) 110777-0022 DL2-96PW4A 15,37 (.605) 110777-0025 DL2-96PW6A 7,11 (.280) Receptacle For contact cavity arrangement, see page 68. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 61. Front Removable 0,64 (.025) Square Posts 2,54 (.100) Centers. Part Number Nomenclature A 110855-0008 DL2-96RW4 15,37 (.605) 110855-0013 DL2-96RW4B 15,37 (.605) 110855-0014 DL2-96RW6B 7,11 (.280) 19,38 (.763) 57,91 (2.280) 65,80 (2.592) 50,60 (1.994) 4X Ø 3,03 (.119) 28,12 (1.108) 7,92 (.312) 0,64 (.025) A 6,35 (.250) 27,75 (1.093) 34,54 (1.360) CAMSHAFT TURNING DIRECTION 7 SPACES @ 2,54 (.100) = 17,78 (.700) 6 SPACES @ 2,54 (.100) = 15,24 (.600) 6 SPACES @ 2,54 (.100) = 15,24 (.600) 50,60 (1.994) 24,05 (.947) 19,38 (.763) 57,91 (2.280) 65,80 (2.592) 50,60 (1.994) 4X Ø 3,03 (.119) 28,12 (1.108) 7,75 (.305) 0,64 (.025) A 6,35 (.250) 24,97 (.983) 6 SPACES @ 2,54 (.100) = 15,24 (.600) 6 SPACES @ 2,54 (.100) = 15,24 (.600) 7 SPACES @ 2,54 (.100) = 17,78 (.700) 24,05 (.947) 50,60 (1.994) |