| Moteur de recherche de fiches techniques de composants électroniques |
|
DLD2 Fiches technique(PDF) 61 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLD2 Fiches technique(HTML) 61 Page - ITT Industries |
|
61 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 60 SYMM 4 5 3 A B C D E F G H J K L M N 6 P R S T U V W X Y Z a b c C L Ø 9,52 (.375) MIN THRU HOLE 1 2 SYMM C L 30,48 (1.200) 6 5 4 3 2 12 EQUAL SPACES @ CENTERS TOTAL NON-ACCUMULATIVE 30,48 (1.200) Ø 0,13 (.005) A B P R S T U V W X Y Z a b c 1 1 1,09-0,94 (.043-.037) 156X Ø PLATED THRU HOLE 12 EQUAL SPACES @ CENTERS TOTAL NON-ACCUMULATIVE 2,54 (.100) 100,02 (3.938) A 16,51 (.650) 2,54 (.100) THRU HOLE 16,26 (.640) 12,70 (.500) SYMM 4X Ø C L 5 EQUAL SPACES @ CENTERS TOTAL NON-ACCUMULATIVE Ø 0,25 (.010) A B 3,30-3,05 (.130-.120) 2,54 (.100) B CL SYMM A B C D E F G H J K L M N = = = 3 R 5 c 12 3 4 b a Z Y X W V T U S 6 N P J L M K H G F SYMM B E D C A SYMM 156X Ø 1 1,09-0,94 (.043-.037) Ø 0,13 (.005) A B PLATED THRU HOLE B 4X R 3,63 (.143) MAX A 5 EQUAL SPACES @ 2,54 (.100) CENTERS = 12,70 (.500) TOTAL NON-ACCUMULATIVE 3,18-2,92 (.125-.115) 40,89-40,39 (1.610-1.590) 12 EQUAL SPACES @ 2,54 (1.00) CENTERS = 30,48 (1.200) TOTAL NON-ACCUMULATIVE 12 EQUAL SPACES @ 2,54 (1.00) CENTERS = 30,48 (1.200) TOTAL NON-ACCUMULATIVE 16,51 (.650) 20,32-19,81 (.800-.780) REF SYMM SYMM E G F A C D B L N M J K H T c b X Z a Y V W U R S P 3 4 5 61 2 Ø 9,52 (.375) MIN THRU HOLE 4X R 3,63 (.143) MAX 92,20-91,69 (3.630-3.610) 20,32-19,81 (.800-.780) Receptacle Receptacle Plug Plug Notes: Contact hole cavity identification shown is typical as viewed from top surface of P.C. board. All plug layout dimensions not shown are similar to the receptacle dimensions. Plated through (THRU) hole diameters shown are for 0,64 (.025) post contacts. PC/RC contact plated through (THRU) hole diameters are 0,79-0,64 (.031-.025). For PCB pad layout configuration, see page 64. ZIF Connectors DL/DLM/DLD DL1/DLM1/DLD1 Printed Circuit Board Hole Patterns DL1-156/DLM1-156 DLD1-156 |