| Moteur de recherche de fiches techniques de composants électroniques |
|
DLD2 Fiches technique(PDF) 42 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLD2 Fiches technique(HTML) 42 Page - ITT Industries |
|
42 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 41 ZIF Connectors DLM6 DLM6 — Metal Body — 360 Pin Connectors — Square Post Contacts Plug For contact cavity arrangement, see page 69. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 63. Front Removable 0,64 (.025) Square Posts 2,54 (.100) Centers. Order actuating handle kit separately, see page 47. Part Number Nomenclature A 111995-0001 DLM6-360PW4A 15,37 (.605) 111995-0000 DLM6-360PW6A 7,11 (.280) 111995-0007 DLM111995-7 3,18 (.125) Receptacle For contact cavity arrangement, see page 69. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 63. Front Removable 0,64 (.025) Square Posts 2,54 (.100) Centers. Part Number Nomenclature A 111996-0000 DLM6-360RW4B 15,37 (.605) 111996-0001 DLM6-360RW6B 7,11 (.280) 111996-0005 DLM111996-5 3,18 (.125) |