| Moteur de recherche de fiches techniques de composants électroniques |
|
SAM3U Fiches technique(PDF) 45 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAM3U Fiches technique(HTML) 45 Page - ATMEL Corporation |
|
45 / 59 page ![]() 45 6430ES–ATARM–22-Aug-11 SAM3U Series 11.2.2 PIO Controller B Multiplexing Notes: 1. Wake-Up source in Backup mode (managed by the SUPC). 2. Fast Start-Up source in Wait mode (managed by the PMC). Table 11-3. Multiplexing on PIO Controller B (PIOB) I/O Line Peripheral A Peripheral B Extra Function Comments PB0 PWMH0 A2 WKUP13(1)(2) PB1 PWMH1 A3 WKUP14(1)(2) PB2 PWMH2 A4 WKUP15(1)(2) PB3 PWMH3 A5 AD12B2 PB4 TCLK1 A6 AD12B3 PB5 TIOA1 A7 AD0 PB6 TIOB1 D15 AD1 PB7 RTS0 A0/NBS0 AD2 PB8 CTS0 A1 AD3 PB9 D0 DTR0 PB10 D1 DSR0 PB11 D2 DCD0 PB12 D3 RI0 PB13 D4 PWMH0 PB14 D5 PWMH1 PB15 D6 PWMH2 PB16 D7 PWMH3 PB17 NANDOE PWML0 PB18 NANDWE PWML1 PB19 NRD PWML2 PB20 NCS0 PWML3 PB21 A21/NANDALE RTS2 PB22 A22/NANDCLE CTS2 PB23 NWR0/NWE PCK2 PB24 NANDRDY PCK1 PB25 D8 PWML0 Only on 144-pin version PB26 D9 PWML1 Only on 144-pin version PB27 D10 PWML2 Only on 144-pin version PB28 D11 PWML3 Only on 144-pin version PB29 D12 Only on 144-pin version PB30 D13 Only on 144-pin version PB31 D14 Only on 144-pin version |