| Moteur de recherche de fiches techniques de composants électroniques |
|
SAM3U Fiches technique(PDF) 42 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAM3U Fiches technique(HTML) 42 Page - ATMEL Corporation |
|
42 / 59 page ![]() 42 6430ES–ATARM–22-Aug-11 SAM3U Series 11. Peripherals 11.1 Peripheral Identifiers Table 11-1 defines the Peripheral Identifiers of the SAM3U. A peripheral identifier is required for the control of the peripheral interrupt with the Nested Vectored Interrupt Controller and for the control of the peripheral clock with the Power Management Controller. Note that some Peripherals are always clocked. Please refer to the table below. Table 11-1. Peripheral Identifiers Instance ID Instance Name NVIC Interrupt PMC Clock Control Instance Description 0SUPC X Supply Controller 1RSTC X Reset Controller 2RTC X Real Time Clock 3RTT X Real Time Timer 4WDT X Watchdog Timer 5PMC X Power Management Controller 6 EEFC0 X Enhanced Embedded Flash Controller 0 7 EEFC1 X Enhanced Embedded Flash Controller 1 8UART X X Universal Asynchronous Receiver Transmitter 9SMC X X Static Memory Controller 10 PIOA X X Parallel I/O Controller A, 11 PIOB X X Parallel I/O Controller B 12 PIOC X X Parallel I/O Controller C 13 USART0 X X USART 0 14 USART1 X X USART 1 15 USART2 X X USART 2 16 USART3 X X USART 3 17 HSMCI X X High Speed Multimedia Card Interface 18 TWI0 X X Two-Wire Interface 0 19 TWI1 X X Two-Wire Interface 1 20 SPI X X Serial Peripheral Interface 21 SSC X X Synchronous Serial Controller 22 TC0 X X Timer Counter 0 23 TC1 X X Timer Counter 1 24 TC2 X X Timer Counter 2 25 PWM X X Pulse Width Modulation Controller 26 ADC12B X X 12-bit ADC Controller 27 ADC X X 10-bit ADC Controller 28 DMAC X X DMA Controller 29 UDPHS X X USB Device High Speed |