Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD4931 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce SD4931
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4931 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button SD4931 Datasheet HTML 5Page - STMicroelectronics SD4931 Datasheet HTML 6Page - STMicroelectronics SD4931 Datasheet HTML 7Page - STMicroelectronics SD4931 Datasheet HTML 8Page - STMicroelectronics SD4931 Datasheet HTML 9Page - STMicroelectronics SD4931 Datasheet HTML 10Page - STMicroelectronics SD4931 Datasheet HTML 11Page - STMicroelectronics SD4931 Datasheet HTML 12Page - STMicroelectronics SD4931 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SD4931
Marking, packing and shipping specifications
Doc ID 15486 Rev 3
11/13
5
Marking, packing and shipping specifications
Figure 6.
Marking layout
Table 8.
Packing and shipping specifications
Order code
Packaging
Pcs per
tray
Dry pack
humidity
VGS sort
Lot code
SD4931
Plastic tray
25
< 10 %
Not mixed
Not mixed
Table 9.
Marking specifications
Symbol
Description
X
VGS sort
CZ
Assy plant
xxx
Last 3 digit of diffusion lot
VY
Diffusion plant
MAR
Country of origin
CZ
Test and finishing plant
y
Assy year
yy
Assy week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13