Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD4931 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce SD4931
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4931 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button SD4931 Datasheet HTML 4Page - STMicroelectronics SD4931 Datasheet HTML 5Page - STMicroelectronics SD4931 Datasheet HTML 6Page - STMicroelectronics SD4931 Datasheet HTML 7Page - STMicroelectronics SD4931 Datasheet HTML 8Page - STMicroelectronics SD4931 Datasheet HTML 9Page - STMicroelectronics SD4931 Datasheet HTML 10Page - STMicroelectronics SD4931 Datasheet HTML 11Page - STMicroelectronics SD4931 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Typical performance
SD4931
8/13
Doc ID 15486 Rev 3
R3.5
3.6
S3.6
3.7
T3.7
3.8
U3.8
3.9
V3.9
4
Table 6.
Vgs sort (@250 mA) (continued)
Marking
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13