Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SBT80-04GS Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce SBT80-04GS
Description  40V, 8A Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBT80-04GS Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  SBT80-04GS Datasheet HTML 1Page - Sanyo Semicon Device SBT80-04GS Datasheet HTML 2Page - Sanyo Semicon Device SBT80-04GS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SBT80-04GS
No. A0796-1/3
Applications
High frequency rectification (switching regulators, converters, choppers)
Features
Guaranteed up to Tj=150°C
Low forward voltage (VF max=0.55V)
Short reverse recovery time
Low switching noise
High reliability due to highly reliable planar structure
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
40
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
44
V
Average Output Current
I
O
50Hz resistive load, sine wave Tc=119°C
8
A
Surge Forward Current
I
FSM
50Hz sine wave, 1 cycle
80
A
Junction Temperature
Tj
--55 to +150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7530-002
Ordering number : ENA0796
63010SD TK IM TC-00002376
SANYO Semiconductors
DATA SHEET
SBT80-04GS
http://semicon.sanyo.com/en/network
Schottky Barrier Diode (Twin Type • Cathode Common)
40V, 8A Rectifier
1 : Anode
2 : Cathode
3 : Anode
SANYO : TO-220(LS)
123
0.8
0.4
2.55
2.55
2.55
2.55
10.2
1.2
4.5
3.6
1.3
Product & Package Information
• Package
: TO-220(LS)
• JEITA, JEDEC
: SC-46, TO-220AB
• Minimum Packing Quantity : 100 pcs./bag, 50 pcs./magazine
Marking
Electrical Connection
SBT
80-04
LOT No.
13
2


Numéro de pièce similaire - SBT80-04GS

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
SBT80-04J SANYO-SBT80-04J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
SBT80-04J SANYO-SBT80-04J Datasheet
88Kb / 3P
40V, 8A Rectifier
SBT80-04J SANYO-SBT80-04J_07 Datasheet
88Kb / 3P
40V, 8A Rectifier
SBT80-04Y SANYO-SBT80-04Y Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
More results

Description similaire - SBT80-04GS

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
SB80-09 SANYO-SB80-09 Datasheet
71Kb / 3P
90V, 8A Rectifier
SB80-09J SANYO-SB80-09J Datasheet
82Kb / 3P
90V, 8A Rectifier
SBT80-04J SANYO-SBT80-04J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
SBT80-04Y SANYO-SBT80-04Y Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
logo
Diodes Incorporated
DSR8U600 DIODES-DSR8U600 Datasheet
93Kb / 4P
8A DIODESTAR RECTIFIER
DS35011 Rev. 2 - 2
logo
Sanyo Semicon Device
SB80W06T SANYO-SB80W06T Datasheet
263Kb / 3P
60V, 8A Rectifier
SBT80-04J SANYO-SBT80-04J_07 Datasheet
88Kb / 3P
40V, 8A Rectifier
SB80W10T SANYO-SB80W10T_12 Datasheet
439Kb / 7P
100V, 8A Rectifier
logo
Rohm
RQ7G080AT ROHM-RQ7G080AT Datasheet
2Mb / 14P
Pch -40V -8A Small Signal Power MOSFET
logo
Diodes Incorporated
ZXGD3004E6Q DIODES-ZXGD3004E6Q Datasheet
601Kb / 8P
40V 8A GATE DRIVER IN SOT26
March 2018
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com