Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD911 Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce BD911
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD911 Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD911 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD911 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD911 Datasheet HTML 3Page - Inchange Semiconductor Company Limited BD911 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
BD909 BD911
DESCRIPTION
・
・With TO-220C package
・Complement to type BD910 BD912
APPLICATIONS
・Intented for use in power linear
and switching applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BD909
80
VCBO
Collector-base voltage
BD911
Open emitter
100
V
BD909
80
VCEO
Collector-emitter voltage
BD911
Open base
100
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
15
A
IB
Base current
5
A
PC
Collector power dissipation
TC≤25℃
90
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.4
℃/W


Numéro de pièce similaire - BD911

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
BD911 MOSPEC-BD911 Datasheet
143Kb / 3P
POWER TRANSISTORS(15A,90W)
logo
STMicroelectronics
BD911 STMICROELECTRONICS-BD911 Datasheet
97Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
logo
Boca Semiconductor Corp...
BD911 BOCA-BD911 Datasheet
149Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Savantic, Inc.
BD911 SAVANTIC-BD911 Datasheet
148Kb / 4P
Silicon NPN Power Transistors
logo
Rectron Semiconductor
BD911 RECTRON-BD911 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
More results

Description similaire - BD911

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com