Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD911 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce BD911
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD911 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD911 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD911 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD911 Datasheet HTML 3Page - Inchange Semiconductor Company Limited BD911 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BD909 BD911
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD909
80
VCEO(SUS)
Collector-emitter
sustaining voltage
BD911
IC=0.1A; IB=0
100
V
VCEsat-1
Collector-emitter saturation voltage
IC=5 A;IB=0.5 A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=10A;IB=2.5 A
3.0
V
VBEsat
Base-emitter saturation voltage
IC=10A;IB=2.5 A
2.5
V
VBE
Base-emitter voltage
IC=5A ; VCE=4V
1.5
V
BD909
VCB=80V; IE=0
TC=150℃
0.5
5
ICBO
Collector cut-off current
BD911
VCB=100V; IE=0
TC=150℃
0.5
5
mA
BD909
VCE=40V; IB=0
ICEO
Collector cut-off current
BD911
VCE=50V; IB=0
1
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1
mA
hFE-1
DC current gain
IC=0.5A ; VCE=4V
40
250
hFE-2
DC current gain
IC=5A ; VCE=4V
15
150
hFE-3
DC current gain
IC=10A ; VCE=4V
5
fT
Transition frequency
IC=0.5A ; VCE=4V
3
MHz



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com