Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD375 Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce BD375
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD375 Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD375 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD375 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BD375/377/379
DESCRIPTION
·DC Current Gain-
: hFE= 20(Min)@ IC= 1A
·Complement to Type BD376/378/380
APPLICATIONS
·Designed for medium power linear and switching
applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BD375
50
BD377
75
VCBO
Collector-Base Voltage
BD379
100
V
BD375
45
BD377
60
VCEO
Collector-Emitter Voltage
BD379
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
2
A
ICM
Collector Current-Peak
3
A
IB
B
Base Current-Continuous
1
A
PC
Collector Power Dissipation
@ TC=25℃
25
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Website:www.iscsemi.cn


Numéro de pièce similaire - BD375

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BD375 FAIRCHILD-BD375 Datasheet
42Kb / 4P
Medium Power Linear and Switching Applications
logo
Rohm
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
Sound processor with Built-in 2-band Equalizer
BD37503FV-E2 ROHM-BD37503FV-E2 Datasheet
1Mb / 32P
Sound processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS Datasheet
111Kb / 5P
Silicon Monolithic Integrated Circuit
BD37511FS ROHM-BD37511FS Datasheet
2Mb / 30P
Sound Processor with Built-in 2-band Equalizer
More results

Description similaire - BD375

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29 ISC-TIP29 Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com