Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD375 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce BD375
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD375 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD375 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD375 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BD375/377/379
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD375
45
BD377
60
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BD379
IC= 100mA ; IB= 0
80
V
BD375
50
BD377
75
VCBO
Collector-Base Voltage
BD379
IC= 0.1mA ; IE= 0
100
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1A; IB= 0.1A
B
1.0
V
VBE(on)
Base-Emitter On Voltage
IC= 1A; VCE= 2V
1.5
V
BD375
VCB= 45V; IE= 0
2
BD377
VCB= 60V; IE= 0
2
ICBO
Collector Cutoff Current
BD379
VCB= 80V; IE= 0
2
μA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
0.1
mA
hFE-1
DC Current Gain
IC= 0.15A ; VCE= 2V
40
375
hFE-2
DC Current Gain
IC= 1A; VCE= 2V
20
Switching Times
ton
Turn-On Time
0.05
μs
toff
Turn-Off Time
IC= 0.5A; IB1= -IB2= 50mA;
VCC= 30V
0.5
μs
hFE-1 Classifications
6
10
16
25
40-100
63-160
100-250
150-375
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com