Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DG9414 Fiches technique(PDF) 9 Page - Vishay Siliconix

No de pièce DG9414
Description  Single 4 x 1 and Dual 2 x 1 Multiplexers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9414 Fiches technique(HTML) 9 Page - Vishay Siliconix

Back Button DG9414_11 Datasheet HTML 3Page - Vishay Siliconix DG9414_11 Datasheet HTML 4Page - Vishay Siliconix DG9414_11 Datasheet HTML 5Page - Vishay Siliconix DG9414_11 Datasheet HTML 6Page - Vishay Siliconix DG9414_11 Datasheet HTML 7Page - Vishay Siliconix DG9414_11 Datasheet HTML 8Page - Vishay Siliconix DG9414_11 Datasheet HTML 9Page - Vishay Siliconix DG9414_11 Datasheet HTML 10Page - Vishay Siliconix DG9414_11 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Document Number: 71766
S11-0984-Rev. G, 23-May-11
www.vishay.com
9
Vishay Siliconix
DG9414, DG9415
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?71766.
Figure 6. Crosstalk
NO or NC
XTALK Isolation = 20 log
VOUT
VIN
C = RF bypass
COM
VS
0 V or 2.4 V
IN
50
Rg = 50 
V+
GND
C
V+
VIN
NC or NO
VOUT
Figure 7. Off Isolation
RL
50
COM
0 V, 2.4 V
V+
Rg = 50 
GND
Off Isolation = 20 log
VCOM
VNO/NC
IN
NO or NC
C
C = RF Bypass
Figure 8. Source/Drain Capacitances
NO or NC
IN
COM
V+
GND
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
C
V+
f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com