Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DG9414 Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce DG9414
Description  Single 4 x 1 and Dual 2 x 1 Multiplexers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9414 Fiches technique(HTML) 6 Page - Vishay Siliconix

Back Button DG9414_11 Datasheet HTML 2Page - Vishay Siliconix DG9414_11 Datasheet HTML 3Page - Vishay Siliconix DG9414_11 Datasheet HTML 4Page - Vishay Siliconix DG9414_11 Datasheet HTML 5Page - Vishay Siliconix DG9414_11 Datasheet HTML 6Page - Vishay Siliconix DG9414_11 Datasheet HTML 7Page - Vishay Siliconix DG9414_11 Datasheet HTML 8Page - Vishay Siliconix DG9414_11 Datasheet HTML 9Page - Vishay Siliconix DG9414_11 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.vishay.com
6
Document Number: 71766
S11-0984-Rev. G, 23-May-11
Vishay Siliconix
DG9414, DG9415
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Transistion Time vs. Temperature (DG9414)
Switching Time vs. Temperature
Insertion Loss, Off-Isolation
Crosstalk vs. Frequency (DG9415)
0
20
40
60
80
100
120
- 60
- 40
- 20
0
20
40
60
80
100
tTRANS- V+ = 3 V
Temperature (°C)
tTRANS+ V+ = 3 V
tTRANS- V+ = 5 V
tTRANS+ V+ = 5 V
tTRANS+ V+ = 12 V
tTRANS- V+ = 12 V
0
20
40
60
80
100
120
140
- 60
- 40
- 20
0
20
40
60
80
100
tON V+ = 3 V
Temperature (°C)
tON V+ = 5 V
tON V+ = 12 V
tOFF V+ = 3 V
tOFF V+ = 5 V
tOFF V+ = 12 V
100 k
1 M
- 30
10
- 70
- 50
100 M
1 G
Frequency (Hz)
- 90
OIRR
Loss
10 M
- 10
V+ = 12 V
RL
XTALK
Transistion Time vs. Temperature (DG9415)
Insertion Loss, Off-Isolation
Crosstalk vs. Frequency (DG9414)
Switching Threshold vs. Supply Voltage
0
20
40
60
80
100
120
- 60
- 40
- 20
0
20
40
60
80
100
tTRANS- V+ = 3 V
Temperature (°C)
tTRANS+ V+ = 3 V
tTRANS- V+ = 5 V
tTRANS+ V+ = 5 V
tTRANS+ V+ = 12 V
tTRANS- V+ = 12 V
100 k
1 M
- 30
10
- 70
- 50
100 M
1 G
Frequency (Hz)
- 90
OIRR
Loss
10 M
- 10
V+ = 12 V
RL
XTALK
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V+ - Supply Voltage (V)
2
4
6
8
10
12
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com