| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F407IG Fiches technique(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IG Fiches technique(HTML) 47 Page - STMicroelectronics |
|
47 / 154 page ![]() STM32F405xx, STM32F407xx Pinouts and pin description Doc ID 022152 Rev 1 47/154 48 75 108 G13 127 VDD VDD - - - E12 128 PH13 FT PH13 TIM8_CH1N / CAN1_TX - - - E13 129 PH14 FT PH14 TIM8_CH2N / DCMI_D4 - - - D13 130 PH15 FT PH15 TIM8_CH3N / DCMI_D11 - - - E14 131 PI0 FT PI0 TIM5_CH4 / SPI2_NSS / I2S2_WS / DCMI_D13 - - - D14 132 PI1 FT PI1 SPI2_SCK / I2S2_CK / DCMI_D8 - - - C14 133 PI2 FT PI2 TIM8_CH4 /SPI2_MISO / DCMI_D9 / I2S2ext_SD - - - C13 134 PI3 FT PI3 TIM8_ETR / SPI2_MOSI / I2S2_SD / DCMI_D10 - - - D9 135 VSS VSS - - - C9 136 VDD VDD 49 76 109 A14 137 PA14 FT JTCK-SWCLK JTCK-SWCLK 50 77 110 A13 138 PA15 FT JTDI JTDI/ SPI3_NSS/ I2S3_WS/TIM2_CH1_ETR / SPI1_NSS 51 78 111 B14 139 PC10 FT PC10 SPI3_SCK / I2S3_CK/ UART4_TX/SDIO_D2 / DCMI_D8 / USART3_TX 52 79 112 B13 140 PC11 FT PC11 UART4_RX/ SPI3_MISO / SDIO_D3 / DCMI_D4/USART3_RX / I2S3ext_SD 53 80 113 A12 141 PC12 FT PC12 UART5_TX/SDIO_CK / DCMI_D9 / SPI3_MOSI / I2S3_SD / USART3_CK - 81 114 B12 142 PD0 FT PD0 FSMC_D2/CAN1_RX - 82 115 C12 143 PD1 FT PD1 FSMC_D3 / CAN1_TX 54 83 116 D12 144 PD2 FT PD2 TIM3_ETR/UART5_RX SDIO_CMD / DCMI_D11 - 84 117 D11 145 PD3 FT PD3 FSMC_CLK/USART2_CTS - 85 118 D10 146 PD4 FT PD4 FSMC_NOE/USART2_RTS - 86 119 C11 147 PD5 FT PD5 FSMC_NWE/USART2_TX - - 120 D8 148 VSS VSS - - 121 C8 149 VDD VDD - 87 122 B11 150 PD6 FT PD6 FSMC_NWAIT/USART2_RX - 88 123 A11 151 PD7 FT PD7 USART2_CK/FSMC_NE1/FSMC_NCE2 - - 124 C10 152 PG9 FT PG9 USART6_RX / FSMC_NE2/ FSMC_NCE3 - - 125 B10 153 PG10 FT PG10 FSMC_NCE4_1/ FSMC_NE3 - - 126 B9 154 PG11 FT PG11 FSMC_NCE4_2 / ETH_MII_TX_EN/ ETH _RMII_TX_EN - - 127 B8 155 PG12 FT PG12 FSMC_NE4 / USART6_RTS - - 128 A8 156 PG13 FT PG13 FSMC_A24 / USART6_CTS /ETH_MII_TXD0/ETH_RMII_TXD0 - - 129 A7 157 PG14 FT PG14 FSMC_A25 / USART6_TX /ETH_MII_TXD1/ETH_RMII_TXD1 - - 130 D7 158 VSS VSS - - 131 C7 159 VDD VDD Table 5. STM32F40x pin and ball definitions (continued) Pins Pin name Function(1) after reset Alternate functions(2) |