Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F407IG Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STM32F407IG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IG Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STM32F407IG Datasheet HTML 40Page - STMicroelectronics STM32F407IG Datasheet HTML 41Page - STMicroelectronics STM32F407IG Datasheet HTML 42Page - STMicroelectronics STM32F407IG Datasheet HTML 43Page - STMicroelectronics STM32F407IG Datasheet HTML 44Page - STMicroelectronics STM32F407IG Datasheet HTML 45Page - STMicroelectronics STM32F407IG Datasheet HTML 46Page - STMicroelectronics STM32F407IG Datasheet HTML 47Page - STMicroelectronics STM32F407IG Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 154 page
background image
Pinouts and pin description
STM32F405xx, STM32F407xx
44/154
Doc ID 022152 Rev 1
-19
30
G3
36
VDD
VDD
12
20
31
M1
37
VSSA
VSSA
--
-
N1
-
VREF–
VREF-
-21
32
P1
38
VREF+
VREF+
13
22
33
R1
39
VDDA
VDDA
14
23
34
N3
40
PA0(6)-WKUP(5)
FT
PA0-WKUP
USART2_CTS/ USART4_TX/
ETH_MII_CRS / TIM2_CH1_ETR/
TIM5_CH1 / TIM8_ETR/ADC123_IN0/WKUP
15
24
35
N2
41
PA1(5)
FT
PA1
USART2_RTS / USART4_RX/
ETH_RMII_REF_CLK / ETH_MII_RX_CLK / TIM5_CH2 /
TIMM2_CH2/ADC123_IN1
16
25
36
P2
42
PA2(5)
FT
PA2
USART2_TX/TIM5_CH3 / TIM9_CH1 / TIM2_CH3 /
ETH_MDIO/ADC123_IN2
--
-
F4
43
PH2
FT
PH2
ETH_MII_CRS
--
-
G4
44
PH3
FT
PH3
ETH_MII_COL
--
-
H4
45
PH4
FT
PH4
I2C2_SCL / OTG_HS_ULPI_NXT
--
-
J4
46
PH5
FT
PH5
I2C2_SDA
17
26
37
R2
47
PA3(5)
FT
PA3
USART2_RX/TIM5_CH4 / TIM9_CH2 / TIM2_CH4 /
OTG_HS_ULPI_D0 / ETH_MII_COL/ADC123_IN3
18
27
38
-
48
VSS_4
VSS_4
L4
-
BYPASS_REG
BYPASS_
REG
19
28
39
K4
49
VDD
VDD
20
29
40
N4
50
PA4(5)
FT
PA4
SPI1_NSS / SPI3_NSS / USART2_CK / DCMI_HSYNC /
OTG_HS_SOF/ I2S3_WS/ADC12_IN4 /DAC1_OUT
21
30
41
P4
51
PA5(5)
FT
PA5
SPI1_SCK/ OTG_HS_ULPI_CK / / TIM2_CH1_ETR/
TIM8_CHIN/ADC12_IN5/DAC2_OUT
22
31
42
P3
52
PA6(5)
FT
PA6
SPI1_MISO / TIM8_BKIN/TIM13_CH1 / DCMI_PIXCLK /
TIM3_CH1 / TIM1_BKIN/ADC12_IN6
23
32
43
R3
53
PA7(5)
FT
PA7
SPI1_MOSI/ TIM8_CH1N / TIM14_CH1
TIM3_CH2/ ETH_MII_RX_DV / TIM1_CH1N /
RMII_CRS_DV/ADC12_IN7
24
33
44
N5
54
PC4(5)
FT
PC4
ETH_RMII_RX_D0 / ETH_MII_RX_D0/
ADC12_IN14
25
34
45
P5
55
PC5(5)
FT
PC5
ETH_RMII_RX_D1 / ETH_MII_RX_D1/
ADC12_IN15
26
35
46
R5
56
PB0(5)
FT
PB0
TIM3_CH3 / TIM8_CH2N/ OTG_HS_ULPI_D1/
ETH_MII_RXD2 / TIM1_CH2N/ADC12_IN8
27
36
47
R4
57
PB1(5)
FT
PB1
TIM3_CH4 / TIM8_CH3N/ OTG_HS_ULPI_D2/
ETH_MII_RXD3 / OTG_HS_INTN /
TIM1_CH3N/ADC12_IN9
28
37
48
M6
58
PB2
FT
PB2-BOOT1
-
-
49
R6
59
PF11
FT
PF11
DCMI_12
--
50
P6
60
PF12
FT
PF12
FSMC_A6
--
51
M8
61
VSS
VSS
Table 5.
STM32F40x pin and ball definitions (continued)
Pins
Pin name
Function(1) after
reset
Alternate functions(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More