Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F405RG Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 42Page - STMicroelectronics STM32F405RG Datasheet HTML 43Page - STMicroelectronics STM32F405RG Datasheet HTML 44Page - STMicroelectronics STM32F405RG Datasheet HTML 45Page - STMicroelectronics STM32F405RG Datasheet HTML 46Page - STMicroelectronics STM32F405RG Datasheet HTML 47Page - STMicroelectronics STM32F405RG Datasheet HTML 48Page - STMicroelectronics STM32F405RG Datasheet HTML 49Page - STMicroelectronics STM32F405RG Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 154 page
background image
Pinouts and pin description
STM32F405xx, STM32F407xx
46/154
Doc ID 022152 Rev 1
35
53
75
R14
94
PB14
FT
PB14
SPI2_MISO/ TIM1_CH2N / TIM12_CH1 /
OTG_HS_DMUSART3_RTS / TIM8_CH2N/I2S2ext_SD
36
54
76
R15
95
PB15
FT
PB15
SPI2_MOSI / I2S2_SD/ TIM1_CH3N / TIM8_CH3N /
TIM12_CH2 / OTG_HS_DP
-
55
77
P15
96
PD8
FT
PD8
FSMC_D13 / USART3_TX
-
56
78
P14
97
PD9
FT
PD9
FSMC_D14 / USART3_RX
-
57
79
N15
98
PD10
FT
PD10
FSMC_D15 / USART3_CK
-
58
80
N14
99
PD11
FT
PD11
FSMC_A16/USART3_CTS
-
59
81
N13
100
PD12
FT
PD12
FSMC_A17/TIM4_CH1 / USART3_RTS
-
60
82
M15
101
PD13
FT
PD13
FSMC_A18/TIM4_CH2
-
-
83
-
102
VSS_8
VSS_8
-
-
84
J13
103
VDD
VDD
-
61
85
M14
104
PD14
FT
PD14
FSMC_D0/TIM4_CH3
-
62
86
L14
105
PD15
FT
PD15
FSMC_D1/TIM4_CH4
-
-
87
L15
106
PG2
FT
PG2
FSMC_A12
-
-
88
K15
107
PG3
FT
PG3
FSMC_A13
-
-
89
K14
108
PG4
FT
PG4
FSMC_A14
-
-
90
K13
109
PG5
FT
PG5
FSMC_A15
-
-
91
J15
110
PG6
FT
PG6
FSMC_INT2
-
-
92
J14
111
PG7
FT
PG7
FSMC_INT3 /USART6_CK
-
-
93
H14
112
PG8
FT
PG8
USART6_RTS / ETH_PPS_OUT
-
-
94
G12
113
VSS
VSS
-
-
95
H13
114
VDD
VDD
37
63
96
H15
115
PC6
FT
PC6
I2S2_MCK / TIM8_CH1/SDIO_D6 / USART6_TX /
DCMI_D0/TIM3_CH1
38
64
97
G15
116
PC7
FT
PC7
I2S3_MCK / TIM8_CH2/SDIO_D7 / USART6_RX /
DCMI_D1/TIM3_CH2
39
65
98
G14
117
PC8
FT
PC8
TIM8_CH3/SDIO_D0 /TIM3_CH3/ USART6_CK / DCMI_D2
40
66
99
F14
118
PC9
FT
PC9
I2S_CKIN/ MCO2 / TIM8_CH4/SDIO_D1 / /I2C3_SDA /
DCMI_D3 / TIM3_CH4
41
67
100
F15
119
PA8
FT
PA8
MCO1 / USART1_CK/ TIM1_CH1/ I2C3_SCL/
OTG_FS_SOF
42
68
101
E15
120
PA9
FT
PA9
USART1_TX/ TIM1_CH2 / I2C3_SMBA /
DCMI_D0/OTG_FS_VBUS
43
69
102
D15
121
PA10
FT
PA10
USART1_RX/ TIM1_CH3/ OTG_FS_ID/DCMI_D1
44
70
103
C15
122
PA11
FT
PA11
USART1_CTS / CAN1_RX / TIM1_CH4 / OTG_FS_DM
45
71
104
B15
123
PA12
FT
PA12
USART1_RTS / CAN1_TX/ TIM1_ETR/ OTG_FS_DP
46
72
105
A15
124
PA13
FT
JTMS-SWDIO
JTMS-SWDIO
47
73
106
F13
125
VCAP_2
VCAP_2
-
74
107
F12
126
VSS
VSS
Table 5.
STM32F40x pin and ball definitions (continued)
Pins
Pin name
Function(1) after
reset
Alternate functions(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More