Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F405RG Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 41Page - STMicroelectronics STM32F405RG Datasheet HTML 42Page - STMicroelectronics STM32F405RG Datasheet HTML 43Page - STMicroelectronics STM32F405RG Datasheet HTML 44Page - STMicroelectronics STM32F405RG Datasheet HTML 45Page - STMicroelectronics STM32F405RG Datasheet HTML 46Page - STMicroelectronics STM32F405RG Datasheet HTML 47Page - STMicroelectronics STM32F405RG Datasheet HTML 48Page - STMicroelectronics STM32F405RG Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 154 page
background image
STM32F405xx, STM32F407xx
Pinouts and pin description
Doc ID 022152 Rev 1
45/154
--
52
N8
62
VDD
VDD
-
-
53
N6
63
PF13
FT
PF13
FSMC_A7
-
-
54
R7
64
PF14
FT
PF14
FSMC_A8
-
-
55
P7
65
PF15
FT
PF15
FSMC_A9
-
-
56
N7
66
PG0
FT
PG0
FSMC_A10
-
-
57
M7
67
PG1
FT
PG1
FSMC_A11
-
38
58
R8
68
PE7
FT
PE7
FSMC_D4/TIM1_ETR
-
39
59
P8
69
PE8
FT
PE8
FSMC_D5/
TIM1_CH1N
-
40
60
P9
70
PE9
FT
PE9
FSMC_D6/TIM1_CH1
--
61
M9
71
VSS
VSS
--
62
N9
72
VDD
VDD
-
41
63
R9
73
PE10
FT
PE10
FSMC_D7/TIM1_CH2N
-
42
64
P10
74
PE11
FT
PE11
FSMC_D8/TIM1_CH2
-
43
65
R10
75
PE12
FT
PE12
FSMC_D9/TIM1_CH3N
-
44
66
N11
76
PE13
FT
PE13
FSMC_D10/TIM1_CH3
-
45
67
P11
77
PE14
FT
PE14
FSMC_D11/TIM1_CH4
-
46
68
R11
78
PE15
FT
PE15
FSMC_D12/TIM1_BKIN
29
47
69
R12
79
PB10
FT
PB10
SPI2_SCK / I2S2_CK / I2C2_SCL/ USART3_TX /
OTG_HS_ULPI_D3 / ETH_MII_RX_ER / OTG_HS_SCL /
TIM2_CH3
30
48
70
R13
80
PB11
FT
PB11
I2C2_SDA/USART3_RX/ OTG_HS_ULPI_D4 /
ETH_RMII_TX_EN/ ETH_MII_TX_EN / OTG_HS_SDA /
TIM2_CH4
31
49
71
M10
81
VCAP_1
VCAP_1
32
50
72
N10
82
VDD
VDD
-
-
-
M11
83
PH6
FT
PH6
I2C2_SMBA / TIM12_CH1 / ETH_MII_RXD2
--
-
N12
84
PH7
FT
PH7
I2C3_SCL / ETH_MII_RXD3
-
-
-
M12
85
PH8
FT
PH8
I2C3_SDA / DCMI_HSYNC
-
-
-
M13
86
PH9
FT
PH9
I2C3_SMBA / TIM12_CH2/ DCMI_D0
-
-
-
L13
87
PH10
FT
PH10
TIM5_CH1_ETR / DCMI_D1
-
-
-
L12
88
PH11
FT
PH11
TIM5_CH2 / DCMI_D2
-
-
-
K12
89
PH12
FT
PH12
TIM5_CH3 / DCMI_D3
--
-
H12
90
VSS
VSS
--
-
J12
91
VDD
VDD
33
51
73
P12
92
PB12
FT
PB12
SPI2_NSS / I2S2_WS / I2C2_SMBA/
USART3_CK/ TIM1_BKIN / CAN2_RX / OTG_HS_ULPI_D5/
ETH_RMII_TXD0 / ETH_MII_TXD0/ OTG_HS_ID
34
52
74
P13
93
PB13
FT
PB13
SPI2_SCK / I2S2_CK / USART3_CTS/
TIM1_CH1N /CAN2_TX / OTG_HS_ULPI_D6 /
ETH_RMII_TXD1 / ETH_MII_TXD1/
OTG_HS_VBUS
Table 5.
STM32F40x pin and ball definitions (continued)
Pins
Pin name
Function(1) after
reset
Alternate functions(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More