Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM303DLMTR Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce LSM303DLMTR
Description  Sensor module:3-axis accelerometer and 3-axis magnetometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLMTR Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button LSM303DLMTR Datasheet HTML 30Page - STMicroelectronics LSM303DLMTR Datasheet HTML 31Page - STMicroelectronics LSM303DLMTR Datasheet HTML 32Page - STMicroelectronics LSM303DLMTR Datasheet HTML 33Page - STMicroelectronics LSM303DLMTR Datasheet HTML 34Page - STMicroelectronics LSM303DLMTR Datasheet HTML 35Page - STMicroelectronics LSM303DLMTR Datasheet HTML 36Page - STMicroelectronics LSM303DLMTR Datasheet HTML 37Page - STMicroelectronics LSM303DLMTR Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Package information
LSM303DLM
36/38
Doc ID 018725 Rev 1
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions, and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 5.
LGA-28: mechanical data and package dimensions
Dimensions
Ref.
mm
Min.
Typ.
Max.
A1
1
A2
0.785
A3
0.200
D1
4.850
5.000
5.150
E1
4.850
5.000
5.150
L1
1.650
L2
3.300
N1
0.550
M
0.040
0.100
0.160
T1
0.260
0.300
0.340
T2
0.360
0.400
0.440
d
0.200
k
0.050
h
0.100
LGA-28 (5x5x1)
Land Grid Array Packages
Outline and
8192208_B
mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38