Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM303DLMTR Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce LSM303DLMTR
Description  Sensor module:3-axis accelerometer and 3-axis magnetometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLMTR Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button LSM303DLMTR Datasheet HTML 4Page - STMicroelectronics LSM303DLMTR Datasheet HTML 5Page - STMicroelectronics LSM303DLMTR Datasheet HTML 6Page - STMicroelectronics LSM303DLMTR Datasheet HTML 7Page - STMicroelectronics LSM303DLMTR Datasheet HTML 8Page - STMicroelectronics LSM303DLMTR Datasheet HTML 9Page - STMicroelectronics LSM303DLMTR Datasheet HTML 10Page - STMicroelectronics LSM303DLMTR Datasheet HTML 11Page - STMicroelectronics LSM303DLMTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Block diagram and pin description
LSM303DLM
8/38
Doc ID 018725 Rev 1
20
SCL_M
Magnetic signal interface I2C serial clock (SCL)
21
NC
Internally not connected
22
Vdd_IO
Signal interface power supply for I/O pins
23
Reserved
Connect to Vdd_IO
24
SCL_A
Linear acceleration signal interface I2C serial clock (SCL)
25
SDA_A
Linear acceleration signal interface I2C serial data (SDA)
26
INT1
Inertial Interrupt 1
27
INT2
Inertial Interrupt 2
28
Reserved
Connect to GND
Table 2.
Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38