Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS013B4DN02 Fiches technique(PDF) 5 Page - Sharp Corporation

No de pièce LS013B4DN02
Description  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 Fiches technique(HTML) 5 Page - Sharp Corporation

  LS013B4DN02 Datasheet HTML 1Page - Sharp Corporation LS013B4DN02 Datasheet HTML 2Page - Sharp Corporation LS013B4DN02 Datasheet HTML 3Page - Sharp Corporation LS013B4DN02 Datasheet HTML 4Page - Sharp Corporation LS013B4DN02 Datasheet HTML 5Page - Sharp Corporation LS013B4DN02 Datasheet HTML 6Page - Sharp Corporation LS013B4DN02 Datasheet HTML 7Page - Sharp Corporation LS013B4DN02 Datasheet HTML 8Page - Sharp Corporation LS013B4DN02 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
4
[For operating LCD module]
(1) Do not operate the LCD panel under outside of electrical specification. Otherwise LCD panel may be damaged.
(2) Do not use the LCD panel under outside of specified driving timing chart. Otherwise LCD panel may not have
proper picture quality.
(3) A still image should be displayed less than two hours, if it is necessary to display still image longer than two hour,
display image data must be refreshed in order to avoid sticking image on LCD panel.
[Precautions for Storage]
(1) After opening the package, do not leave the LCD panel in direct sun or under strong ultraviolet ray. Store in dark
place.
(2) In temperature lower than specified rating, liquid crystal material will coagulate. In temperature higher than
specified rating, it isotropically liquifies. In either condition, the liquid crystal may not recover its original condition.
Store the LCD panel in at or around room temperature as much as possible.
Also, storing the LCD panel in high humidity will damage the polarizer. Store in normal room temperature as much
as possible.
(3) Keeping Method
a. Don't keeping under the direct sunlight.
b. Keeping in the tray under the dark place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29