Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS013B4DN02 Fiches technique(PDF) 18 Page - Sharp Corporation

No de pièce LS013B4DN02
Description  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 Fiches technique(HTML) 18 Page - Sharp Corporation

Back Button LS013B4DN02 Datasheet HTML 14Page - Sharp Corporation LS013B4DN02 Datasheet HTML 15Page - Sharp Corporation LS013B4DN02 Datasheet HTML 16Page - Sharp Corporation LS013B4DN02 Datasheet HTML 17Page - Sharp Corporation LS013B4DN02 Datasheet HTML 18Page - Sharp Corporation LS013B4DN02 Datasheet HTML 19Page - Sharp Corporation LS013B4DN02 Datasheet HTML 20Page - Sharp Corporation LS013B4DN02 Datasheet HTML 21Page - Sharp Corporation LS013B4DN02 Datasheet HTML 22Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
17
6-5-3 Display Mode
Maintains memory internal data (maintains current display). (M0=”L”、M2=”L”)
SCS
SI
DUMMY DATA(don't care)
DUMMY DATA(don't care)
SCLK
M0
M1
M2
M0
M1
M2
tsSI
thSI
tsSCS
Mode selection
period
(3ck)
twSCSH
tV
thSCS
twSCSL
Data transfer period
(More than 13ck)
M0: Mode flag. Set for “H”. Data update mode (Memory internal data update)
When “L”, display mode (maintain memory internal data).
M1: Frame inversion flag.
When “H”, outputs VCOM=”H”, and when “L”, outputs VCOM=”L”.
When EXTMODE=”H”, it can be “H” or “L”.
M2: All clear flag.
Refer to 6-5-4) All Clear Mode to execute clear.
DUMMY DATA: Dummy data. It can be “H” or “L” (“L” is recommended.)
※
M1: Frame inversion flag is enabled when EXTMODE= L
※
When SCS becomes “L”, M0 and M2 are cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29