Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC64 Fiches technique(PDF) 56 Page - NXP Semiconductors

No de pièce LPC64
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC64 Fiches technique(HTML) 56 Page - NXP Semiconductors

Back Button LPC64 Datasheet HTML 52Page - NXP Semiconductors LPC64 Datasheet HTML 53Page - NXP Semiconductors LPC64 Datasheet HTML 54Page - NXP Semiconductors LPC64 Datasheet HTML 55Page - NXP Semiconductors LPC64 Datasheet HTML 56Page - NXP Semiconductors LPC64 Datasheet HTML 57Page - NXP Semiconductors LPC64 Datasheet HTML 58Page - NXP Semiconductors LPC64 Datasheet HTML 59Page - NXP Semiconductors LPC64 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
LPC1768_67_66_65_64_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 19 November 2009
56 of 65
NXP Semiconductors
LPC1768/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
13. DAC electrical characteristics (LPC1768/67/66/65 only)
Table 16.
DAC electrical characteristics
VDDA = 2.7 V to 3.6 V; Tamb = −40 °C to +85 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ED
differential linearity error
-
±1
-
LSB
EL(adj)
integral non-linearity
-
±1.5
-
LSB
EO
offset error
-
0.6
-
%
EG
gain error
-
0.6
-
%
CL
load capacitance
-
200
-
pF
RL
load resistance
1
-
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com