Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC64 Fiches technique(PDF) 41 Page - NXP Semiconductors

No de pièce LPC64
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC64 Fiches technique(HTML) 41 Page - NXP Semiconductors

Back Button LPC64 Datasheet HTML 37Page - NXP Semiconductors LPC64 Datasheet HTML 38Page - NXP Semiconductors LPC64 Datasheet HTML 39Page - NXP Semiconductors LPC64 Datasheet HTML 40Page - NXP Semiconductors LPC64 Datasheet HTML 41Page - NXP Semiconductors LPC64 Datasheet HTML 42Page - NXP Semiconductors LPC64 Datasheet HTML 43Page - NXP Semiconductors LPC64 Datasheet HTML 44Page - NXP Semiconductors LPC64 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
LPC1768_67_66_65_64_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 19 November 2009
41 of 65
NXP Semiconductors
LPC1768/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
10. Static characteristics
Table 6.
Static characteristics
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Supply pins
VDD(3V3)
supply voltage (3.3 V)
core and external rail
2.4
3.3
3.6
V
VDD(REG)(3V3)
regulator supply voltage
(3.3 V)
2.4
3.3
3.6
V
VDDA
analog 3.3 V pad supply
voltage
2.7
3.3
3.6
V
Vi(VBAT)
input voltage on pin
VBAT
[2] 2.1
3.3
3.6
V
Vi(VREFP)
input voltage on pin
VREFP
2.7
3.3
VDDA
V
IDD(REG)(3V3)
regulator supply current
(3.3 V)
active mode; code
while(1){}
executed from flash; all
peripherals disabled;
PCLK = CCLK
⁄
8
CCLK = 12 MHz; PLL
disabled
[3] -
7
-
mA
CCLK = 100 MHz; PLL
enabled
[3] -
42
-
mA
sleep mode
[3][4] -
2
-
mA
deep sleep mode
[3][5] -
240
-
μA
power-down mode
[3][5] -
31
-
μA
deep power-down mode;
RTC not running
[3] -
517
-
nA
IBAT
battery supply current
deep power-down mode;
RTC running
VDD(REG)(3V3) present
[6] -
134
-
nA
VDD(REG)(3V3) not
present
[7] -
634
-
nA
IDD(IO)
I/O supply current
deep sleep mode
[8] -
40
-
nA
power-down mode
[8] -
40
-
nA
deep power-down mode
[8] -
10
-
nA
IDD(ADC)
ADC supply current
deep sleep mode
[9] -
38
-
nA
power-down mode
[9] -
38
-
nA
deep power-down mode
[9] -
24
-
nA
II(ADC)
ADC input current
on pin VREFP
deep sleep mode
[10] -
100
-
nA
power-down mode
[10] -
100
-
nA
deep power-down
mode
[10] -
100
-
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com