Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC65 Fiches technique(PDF) 52 Page - NXP Semiconductors

No de pièce LPC65
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC65 Fiches technique(HTML) 52 Page - NXP Semiconductors

Back Button LPC65 Datasheet HTML 48Page - NXP Semiconductors LPC65 Datasheet HTML 49Page - NXP Semiconductors LPC65 Datasheet HTML 50Page - NXP Semiconductors LPC65 Datasheet HTML 51Page - NXP Semiconductors LPC65 Datasheet HTML 52Page - NXP Semiconductors LPC65 Datasheet HTML 53Page - NXP Semiconductors LPC65 Datasheet HTML 54Page - NXP Semiconductors LPC65 Datasheet HTML 55Page - NXP Semiconductors LPC65 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
LPC1768_67_66_65_64_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 19 November 2009
52 of 65
NXP Semiconductors
LPC1768/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
11.8 SPI
[1]
TSPICYC = (Tcy(PCLK) × n) ± 0.5 %, n is the SPI clock divider value (n ≥ 8); PCLK is derived from the
processor clock CCLK.
[2]
Timing parameters are measured with respect to the 50 % edge of the clock SCK and the 10 % (90 %)
edge of the data signal (MOSI or MISO).
Table 14.
Dynamic characteristics of SPI pins
Tamb = −40 °C to +85 °C.
Symbol
Parameter
Min
Typ
Max
Unit
Tcy(PCLK)
PCLK cycle time
10
-
-
ns
TSPICYC
SPI cycle time
[1]
79.6
-
-
ns
tSPICLKH
SPICLK HIGH time
0.485
× T
SPICYC
-
-
ns
tSPICLKL
SPICLK LOW time
-
0.515
× T
SPICYC
ns
SPI master
tSPIDSU
SPI data set-up time
[2]
0
-
-
ns
tSPIDH
SPI data hold time
[2]
2
× T
cy(PCLK) − 5
-
-
ns
tSPIQV
SPI data output valid time
[2]
2
× T
cy(PCLK) + 30
-
-
ns
tSPIOH
SPI output data hold time
[2]
2
× T
cy(PCLK) + 5
-
-
ns
SPI slave
tSPIDSU
SPI data set-up time
[2]
0
-
-
ns
tSPIDH
SPI data hold time
[2]
2
× T
cy(PCLK) + 5
-
-
ns
tSPIQV
SPI data output valid time
[2]
2
× T
cy(PCLK) + 35
-
-
ns
tSPIOH
SPI output data hold time
[2]
2
× T
cy(PCLK) + 15
-
-
ns
Fig 17.
SPI master timing (CPHA = 1)
SCK (CPOL = 0)
MOSI
MISO
002aad986
TSPICYC
tSPICLKH
tSPICLKL
tSPIDSU
tSPIDH
tSPIQV
DATA VALID
DATA VALID
tSPIOH
SCK (CPOL = 1)
DATA VALID
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com