Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC65 Fiches technique(PDF) 42 Page - NXP Semiconductors

No de pièce LPC65
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC65 Fiches technique(HTML) 42 Page - NXP Semiconductors

Back Button LPC65 Datasheet HTML 38Page - NXP Semiconductors LPC65 Datasheet HTML 39Page - NXP Semiconductors LPC65 Datasheet HTML 40Page - NXP Semiconductors LPC65 Datasheet HTML 41Page - NXP Semiconductors LPC65 Datasheet HTML 42Page - NXP Semiconductors LPC65 Datasheet HTML 43Page - NXP Semiconductors LPC65 Datasheet HTML 44Page - NXP Semiconductors LPC65 Datasheet HTML 45Page - NXP Semiconductors LPC65 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
LPC1768_67_66_65_64_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 19 November 2009
42 of 65
NXP Semiconductors
LPC1768/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
Standard port pins, RESET, RTCK
IIL
LOW-level input current VI = 0 V; on-chip pull-up
resistor disabled
-
-
3
μA
IIH
HIGH-level input
current
VI = VDD(3V3); on-chip
pull-down resistor
disabled
-
-
3
μA
IOZ
OFF-state output
current
VO = 0 V; VO = VDD(3V3);
on-chip pull-up/down
resistors disabled
-
-
3
μA
VI
input voltage
pin configured to provide
a digital function
[11][12]
[13]
0
-
5.0
V
VO
output voltage
output active
0
-
VDD(3V3)
V
VIH
HIGH-level input
voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
Vhys
hysteresis voltage
-
0.4
-
V
VOH
HIGH-level output
voltage
IOH = −4 mA
[14] VDD(3V3) −
0.4
-
-
V
VOL
LOW-level output
voltage
IOL = 4 mA
[14] -
-
0.4
V
IOH
HIGH-level output
current
VOH = VDD(3V3) − 0.4 V
[14]
−4
-
-
mA
IOL
LOW-level output
current
VOL = 0.4 V
[14] 4
-
-
mA
IOHS
HIGH-level short-circuit
output current
VOH = 0 V
[15] -
-
−45
mA
IOLS
LOW-level short-circuit
output current
VOL = VDD(3V3)
[15] -
-
50
mA
Ipd
pull-down current
VI = 5 V
10
50
150
μA
Ipu
pull-up current
VI = 0 V
−15
−50
−85
μA
VDD(3V3) < VI < 5 V
0
0
0
μA
I2C-bus pins (P0[27] and P0[28])
VIH
HIGH-level input
voltage
0.7VDD(3V3) -
-
V
VIL
LOW-level input voltage
-
-
0.3VDD(3V3) V
Vhys
hysteresis voltage
-
0.5VDD(3V3) -
V
VOL
LOW-level output
voltage
IOLS = 3 mA
[14] -
-
0.4
V
ILI
input leakage current
VI = VDD(3V3)
[16] -
2
4
μA
VI = 5 V
-
10
22
μA
Oscillator pins
Vi(XTAL1)
input voltage on pin
XTAL1
0
1.8
1.95
V
Vo(XTAL2)
output voltage on pin
XTAL2
0
1.8
1.95
V
Table 6.
Static characteristics …continued
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com